PART |
Description |
Maker |
CS51220-D |
Feed Forward Voltage Mode PWM Controller with Programmable Synchronization
|
ON Semiconductor
|
ST16600 5806 |
Pulse Width Modulation (PWM) Controller IC; Topology:Boost, Flyback, Forward; Control Mode:Voltage; Number of PWM Outputs:1; Input Voltage Primary Smartcard MCU With 512 Bytes EEPROM From old datasheet system
|
意法半导 STMICROELECTRONICS[STMicroelectronics]
|
FAN76020611 FAN7602 |
Flyback & Forward PWM Controllers Green Current Mode PWM Controller
|
Fairchild Semiconductor
|
BZW04-70 BZW04-78 BZW04-7V0 BZW04-9V4 BZW04-10 BZW |
PRIMARY CONTROLLER WITH STANDBY FULLY INTEGRATED POWER SUPPLY Forward synchronous rectifiers smart driver Quintuple, ultralow voltage supervisor with push-button reset SMART PRIMARY CONTROLLER OFF-line primary switch Low power voltage detector QUAD OP-AMP & PROGRAMMABLE VOLTAGE REFERENCE High frequency single phase PWM controller with Power Good Quasi-resonant SMPS controller RESET CIRCUIT Constant voltage and constant current controller for battery chargers and adaptors VOLTAGE AND CURRENT CONTROLLER POWER FACTOR CORRECTOR Advanced transition-mode PFC controller Voltage mode PWM controller with bootstrap anti-discharging system High current MOSFET driver Adjustable step-down controller with synchronous rectification dedicated to DDR memory Advanced modular synchronous PWM controller High performance current mode PWM controller Regulating pulse width modulators Triple voltage and current supervisor SMPS primary I.C. Off-line high voltage converters 4 A dual low side MOSFET driver Microprocessor voltage supervisor reset active low Dual operational amplifier and voltage reference Unidirectional and bidirectional Transient Voltage Suppressor Diodes
|
Rohm Co., Ltd. STMicroelectronics N.V. SUSUMU Co., Ltd. Diotec Semiconductor AG DIOTEC[Diotec Semiconductor] Diotec Elektronische
|
LS33401111 LY3340-M LG3340 LG3340-KN LG3340-L LG33 |
T1(3mm) LED LAMP T1毫米)发光二极管 Standard Recovery Rectifier; Forward Current:15A; Forward Current Average:9.5A; Forward Current Avg Rectified, IF(AV):9.5A; Forward Surge Current Max, Ifsm:225A; Forward Voltage:1.1V; Forward Voltage Max, VF:1.1V RoHS Compliant: Yes
|
SIEMENS AG SIEMENS[Siemens Semiconductor Group]
|
FS1UM-18A |
Standard Recovery Rectifier; Forward Current:15A; Forward Current Average:9.5A; Forward Current Avg Rectified, IF(AV):9.5A; Forward Surge Current Max, Ifsm:225A; Forward Voltage:1.1V; Forward Voltage Max, VF:1.1V RoHS Compliant: Yes MITSUBISHI Nch POWER MOSFET HIGH-SPEED SWITCHING USE
|
POWEREX[Powerex Power Semiconductors] Mitsubishi Electric Corporation
|
FS1UM-16A |
Standard Recovery Rectifier; Forward Current:15A; Forward Current Average:9.5A; Forward Current Avg Rectified, IF(AV):9.5A; Forward Surge Current Max, Ifsm:225A; Forward Voltage:1.1V; Forward Voltage Max, VF:1.1V RoHS Compliant: Yes MITSUBISHI Nch POWER MOSFET HIGH-SPEED SWITCHING USE
|
Powerex Power Semiconductors Mitsubishi Electric Corporation
|
ST173S ST173S10PFK0L ST173S12MFK0L ST173S12PFK0L |
INVERTER GRADE THYRISTORS Stud Version Pulse Width Modulation (PWM) Controller IC; Topology:Buck (Step Down); Control Mode:Current, Voltage; Number of PWM Outputs:2; Input Voltage Primary Min:3V; Input Voltage Primary Max:6.5V; Oscillator Frequency Max, Fosc:2MHz RoHS Compliant: No
|
IRF[International Rectifier]
|
NCP1249C |
High-Voltage Current-Mode PWM Controller Featuring Peak Power Excursion and Self-Relaxing Off Mode
|
ON Semiconductor
|
LX1736 |
VREF @ 800mV, 900mA, 1.0MHZ PWM a Current Mode PWM Buck regulator that switches to PFM mode under light loads
|
MICROSEMI[Microsemi Corporation]
|
BS62LV1027 BS62LV1027PIP70 BS62LV1027SCG70 BS62LV1 |
Asynchronous 1M(128Kx8) bits Static RAM LM5035 PWM Controller with Integrated Half-Bridge and SyncFET Drivers; Package: TSSOP EXP PAD; No of Pins: 20 LM5041A Cascaded PWM Controller; Package: TSSOP; No of Pins: 16 LM5041 Cascaded PWM Controller; Package: TSSOP; No of Pins: 16 Very Low Power/Voltage CMOS SRAM 128K X 8 STANDARD SRAM, 55 ns, PDSO32 Very Low Power/Voltage CMOS SRAM 128K X 8 STANDARD SRAM, 55 ns, PDIP32 Very Low Power/Voltage CMOS SRAM 非常低功电压的CMOS的SRAM LM5033 100V Push-Pull Voltage Mode PWM Controller; Package: LLP; No of Pins: 10 128K X 8 STANDARD SRAM, 70 ns, PDSO32 LM5030 100V Push-Pull Current Mode PWM Controller; Package: LLP; No of Pins: 10 128K X 8 STANDARD SRAM, 55 ns, PDIP32 LM5030 100V Push-Pull Current Mode PWM Controller; Package: LLP; No of Pins: 10 128K X 8 STANDARD SRAM, 70 ns, PDIP32 Very Low Power/Voltage CMOS SRAM 128K X 8 STANDARD SRAM, 70 ns, PDSO32 Very Low Power/Voltage CMOS SRAM 128K X 8 STANDARD SRAM, 70 ns, UUC
|
http:// BSI[Brilliance Semiconductor] BRILLIANCE SEMICONDUCTOR, INC. BRILLIANCE SEMICONDUCTOR INC
|